Part Number Hot Search : 
193CJA MPF102G EE08147 MS2501 LTC3783 M1201 ADT74 2SK31
Product Description
Full Text Search
 

To Download BC547 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Elektronische Bauelemente
RoHS Compliant Product
BC546, B, C BC547, A, B, C BC548, A, B, C
TO-92
FEATURES NPN Transistpr
Power dissipation PCM: Collector current ICM: Collector-base voltage VCBO:
A suffix of "-C" specifies halogen & lead-free
0.625 0.1
W (Tamb=25) A
1 2 3
3
1 23
BC546 80 V BC547 50 V BC548 30 V Operating and storage junction temperature range TJ, Tstg: -55 to +150
2
1. COLLECTOR 2. BASE
1
3 . EMITTER
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage BC546 BC547 BC548 Collector-emitter breakdown voltage BC546 BC547 BC548 Emitter-base breakdown voltage Collector cut-off current BC546 BC547 BC548 Collector cut-off current BC546 BC547 BC548 Emitter cut-off current BC546 BC547 BC548 DC current gain BC546 BC547 BC548 BC547A/548A BC546B/BC547B/BC548B BC546C/BC547C/BC548C
unless
Symbol
otherwise
Test
specified)
MIN 80 MAX UNIT
conditions
VCBO
Ic= 100A , IE=0
50 30 65
V
VCEO
IC= 1mA , IB=0
45 30
V
VEBO
IE= 10A, IC=0 VCB= 70V, IE=0
6 0.1
V
ICBO
VCB= 50 V, IE=0 VCB= 30V, IE=0 VCE= 60 V, IB=0
A
ICEO
VCE= 45 V, IB=0 VCE= 30 V, IB=0
0.1
A
IEBO
VEB= 5V, IC=0 110 110 110 110 200 420
0.1 800 800 800 220 450 800 0.3 1
A
hFE(1)
VCE=5V, IC= 2mA
Collector-emitter saturation voltage Base-emitter saturation voltage
VCE(sat) VBE(sat)
IC=100 mA, IB= 5mA IC= 100 mA, IB=5mA VCE= 5V, IC= 10mA
V V
Transition frequency
fT
f = 100MHz
150
MHz
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 3
Elektronische Bauelemente
BC546, B, C BC547, A, B, C BC548, A, B, C
Typical Characteristics
100
100
80
IB = 350A IB = 300A IB = 250A IB = 200A
IC[mA], COLLECTOR CURRENT
IC[mA], COLLECTOR CURRENT
IB = 400A
VCE = 5V
10
60
40
IB = 150A IB = 100A
1
20
IB = 50A
0 0 2 4 6 8 10 12 14 16 18 20
0.1 0.0 0.2 0.4 0.6 0.8 1.0 1.2
VCE[V], COLLECTOR-EMITTER VOLTAGE
VBE[V], BASE-EMITTER VOLTAGE
Figure 1. Static Characteristic
Figure 2. Transfer Characteristic
VBE(sat), VCE(sat)[mV], SATURATION VOLTAGE
10000
VCE = 5V
1000
IC = 10 IB
hFE, DC CURRENT GAIN
1000
V BE(sat)
100
100
10
V CE(sat)
1 1 10 100 1000
10 1 10 100 1000
IC[mA], COLLECTOR CURRENT
IC[A], COLLECTOR CURRENT
Figure 3. DC current Gain
Figure 4. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
100
1000
fT, CURRENT GAIN-BANDWIDTH PRODUCT
Cob[pF], CAPACITANCE
f=1MHz IE = 0
10
VCE = 5V
100
1
10
0.1 1 10 100 1000
1 0.1
1
10
100
V CB[V], COLLECTOR-BASE VOLTAGE
IC[mA], COLLECTOR CURRENT
Figure 5. Output Capacitance
Figure 6. Current Gain Bandwidth Product
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 3
Elektronische Bauelemente
BC546, B, C BC547, A, B, C BC548, A, B, C
TO-92 PACKAGE OUTLINE DIMENSIONS
D
D1
A
A1
E
b |O
e e1
Dimensions In Millimeters Symbol A A1 b c D D1 E e e1 L O 0.000 2.440 14.100 Min 3.300 1.100 0.380 0.360 4.400 3.430 4.300 1.270TYP 2.640 14.500 1.600 0.380 4.700 Max 3.700 1.400 0.550 0.510 4.700 Min
L
Dimensions In Inches Max 0.146 0.055 0.022 0.020 0.185
0.130 0.043 0.015 0.014 0.173 0.135 0.169 0.050TYP 0.096 0.555
0.185
0.104 0.571 0.063
0.000
0.015
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
C
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of BC547

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X